Part Number Hot Search : 
2SA2042 SMLJ60CA KMC4S110 LRG5AP 104J100 CY23S02 90HBW03T AT90S85
Product Description
Full Text Search
 

To Download 2N4013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d v a n c e d s e m i c o n d u c t o r, i n c. rev. a 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1202 ? fax (818) 765-3004 1/2 specifications are subject to change without notice. characteristics t c = 25 c trans1.sym symbol test conditions minimum typical maximum units bv ceo i c = 10 ma 30 v bv ces i c = 10 a 50 v bv cbo i c = 10 a 50 v bv ebo i e = 10 a 6.0 v i cbo v cb = 40 v t c = 100 c 1.7 120 a i ces v ce = 50 v 10 a h fe v ce = 1.0 v i c = 10 ma v ce = 1.0 v i c = 100 ma v ce = 1.0 v i c = 100 ma t a = -55c v ce = 1.0 v i c = 300 ma v ce = 1.0 v i c = 500 ma v ce = 1.0 v i c = 500 ma t a = -55c v ce = 2.0 v i c = 800 ma v ce = 5.0 v i c = 1.0 a 30 60 30 40 35 20 25 30 150 --- silicon npn transistor 2N4013 description: the asi 2N4013 is designed for general purpose switching and amplifier applications. maximum ratings i c 1.0 a v ceo 30 v v cbo 50 v v ebo 6.0 v p diss 1.4 w @ t c = 25 c t j -65 c to +200 c t stg -65 c to +200 c jc 125 c/w package style to-18
a d v a n c e d s e m i c o n d u c t o r, i n c. rev. a 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1202 ? fax (818) 765-3004 2/2 2N4013 s p ecifications are sub j ect to chan g e without notice. dynamic characteristics t c = 25 o c symbol test conditions minimum typical maximum units v ce(sat) i c = 10 ma i b = 1.0 ma i c = 100 ma i b = 10 ma i c = 300 ma i b = 30 ma i c = 500 ma i b = 50 ma i c = 800 ma i b = 80 ma i c = 1.0 a i b = 100 ma 0.25 0.20 0.32 0.42 0.65 0.75 v v be(sat) i c = 10 ma i b = 1.0 ma i c = 100 ma i b = 10 ma i c = 300 ma i b = 30 ma i c = 500 ma i b = 50 ma i c = 800 ma i b = 80 ma i c = 1.0 a i b = 100 ma 0.8 0.76 0.86 1.1 1.1 1.5 1.7 v f t v ce = 10 v i c = 50 ma f = 100 mhz 300 mhz c ob v cb = 10 v f = 1.0 mhz 12 pf c ib v eb = 0.5 v f = 1.0 mhz 55 pf t d v cc = 30 v i c = 500 ma v be = 3.8 v i b1 = 50 ma 5.0 10 ns t r v cc = 30 v i c = 500 ma v be = 3.8 v i b1 = 50 ma 15 30 ns t s v cc = 30 v i c = 500 ma i b1 = 50 ma 30 50 ns t f v cc = 30 v i c = 500 ma i b1 = 50 ma 25 30 ns t on v cc = 30 v i c = 500 ma v be = 3.8 v i b1 = 50 ma 20 35 ns t off v cc = 30 v i c = 500 ma v be = 3.8 v i b1 = 50 ma 50 60 ns


▲Up To Search▲   

 
Price & Availability of 2N4013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X